Part Number Hot Search : 
PRLL4001 GG456C GG456C AO4803L D2020U 1N5687B 2SC5935 DL05L
Product Description
Full Text Search
 

To Download VPR161U050E1E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Type VPR -55 to 105 C Radial Leaded Aluminum Electrolytic
Low ESR, Optional 3rd Lead Case Styles, Aluminum Electrolytic Capacitors
Type VPR is a radial leaded aluminum electrolytic capacitor with a 105 C, 2000 hours long life ratings. The VPR has 3 optional case styles with a third lead. The low ESR rating makes it ideal for output filtering in switching power supplies.
Highlights
* * * * 105 C Long life Low ESR High reliability
Specifications
Capacitance Range: Voltage Range: Capacitance Tolerance: Operating Temperature Range: DC Leakage Current: 34 to 12,000 F 6.3 to 100 Vdc (250 Vdc on special request) -10% +75% (others on special request) -55 C to +105 C I = .002 CV after 2 minutes @ 25 C C = Capacitance in (F) V = Rated voltage I = Leakage current in A
Temperature (C) Multiplier 45 1.66 55 1.52 65 1.37 75 1.2 85 1 95 0.75
Ripple Multipliers for Temperature:
Complies with the EU Directive 2002/95/EC requirement restricting the use of Lead (Pb), Mercury (Hg), Cadmium (Cd), Hexavalent chromium (Cr(VI)), PolyBrominated Biphenyls (PBB) and PolyBrominated Diphenyl Ethers (PBDE).
QA Stability Test: Apply WVDC for 2000 h at 105 C
Capacitance change within 15% of initial limits DC leakage current meets initial limits ESR 150% of initial measured value
Part Numbering System
VPR 372 U Capacitance Type Capacitance Tolerance (F) (%) 016 Rated Voltage (Vdc) Case Code L2C 3 Insulating Sleeve A Lead Configuration
VPR
100 = 10 101 = 100 372 = 3700
U = -10 +75 T = -10 +50
6R3 = 6.3 016 = 16 100 = 100
See Case Code Chart
0 = No sleeve 3 = PVC 4 = Plastic sleeve 5 = Plastic sleeve with end seal
A = Standard B, J or T - see outline dimensions
CDE Cornell Dubilier * 1605 E. Rodney French Blvd. * New Bedford, MA 02744 * Phone: (508)996-8561 * Fax: (508)996-3830 * www.cde.com
Type VPR -55 to 105 C Radial Leaded Aluminum Electrolytic
Case Codes
Case Code E1A E1E E1L L1C L1L L2C L2L L3C L3L N1C N1L N2C N2L N3C N3L Inches D 0.512 0.512 0.512 0.875 0.875 0.875 0.875 0.875 0.875 1.000 1.000 1.000 1.000 1.000 1.000 L 1.024 1.300 1.654 1.125 1.625 2.125 2.625 3.125 3.625 1.125 1.625 2.125 2.625 3.125 3.625 S 0.20 0.20 0.20 0.30 0.30 0.30 0.30 0.30 0.30 0.40 0.40 0.40 0.40 0.40 0.40 D 13.0 13.0 13.0 22.2 22.2 22.2 22.2 22.2 22.2 25.4 25.4 25.4 25.4 25.4 25.4
Case Code Chart
Uninsulated Case Size Millimeters L 26.0 33.0 42.0 28.6 41.3 53.9 66.7 79.4 92.1 28.6 41.3 53.9 66.7 79.4 92.1 S 5.08 5.08 5.08 7.62 7.62 7.62 7.62 7.62 7.62 10.16 10.16 10.16 10.16 10.16 10.16 Lead Wire Size Inches 0.023 0.023 0.023 0.04 0.04 0.04 0.04 0.04 0.04 0.04 0.04 0.04 0.04 0.04 0.04 AWG #20 #20 #20 #18 #18 #18 #18 #18 #18 #18 #18 #18 #18 #18 #18
Outline Drawings
CDE Cornell Dubilier * 1605 E. Rodney French Blvd. * New Bedford, MA 02744 * Phone: (508)996-8561 * Fax: (508)996-3830 * www.cde.com
Type VPR -55 to 105 C Radial Leaded Aluminum Electrolytic
Ratings
Max ESR Max Ripple Catalog Cap (F) 880 5,600 8,800 12,000 780 1,700 4,900 660 990 4,200 1,200 5,600 500 2,300 3,200 3,700 5,000 6,900 10,000 640 1,300 1,800 2,800 2,800 3,900 5,900 VPR881U6R3E1A VPR562U6R3N1L VPR882U6R3N2C VPR123U6R3N2L VPR781U7R5E1A VPR172U7R5E1A VPR492U7R5N1L VPR661U010E1A VPR991U010E1E VPR422U010N1L VPR122U012E1L VPR562U012N2C VPR501U016E1A VPR232U016L1L VPR322U016N1L VPR372U016L2C VPR502U016N2C VPR692U016N2L VPR103U016N3L VPR641U025E1L VPR132U025L1L VPR182U025N1L VPR282U025L2L VPR282U025N2C VPR392U025N2L VPR592U025N3L Part Number 10 kHz 25 C () 0.121 0.034 0.023 0.018 0.117 0.057 0.031 0.115 0.076 0.032 0.055 0.021 0.110 0.040 0.029 0.026 0.020 0.017 0.012 0.067 0.035 0.035 0.018 0.023 0.018 0.014 10 kHz 85 C (A) 1.430 3.767 5.131 6.364 1.450 2.590 3.820 1.470 1.970 3.702 2.640 4.932 1.500 2.863 3.637 3.981 4.887 6.105 8.033 2.390 2.729 3.006 4.732 4.107 5.191 6.616 Diameter (D) 0.512 (13.0) 1.000 (25.4) 1.000 (25.4) 1.000 (25.4) 0.512 (13.0) 0.512 (13.0) 1.000 (25.4) 0.512 (13.0) 0.512 (13.0) 1.000 (25.4) 0.512 (13.0) 1.000 (25.4) 0.512 (13.0) 0.875 (22.2) 1.000 (25.4) 0.875 (22.2) 1.000 (25.4) 1.000 (25.4) 1.000 (25.4) 0.512 (13.0) 0.875 (22.2) 1.000 (25.4) 0.875 (22.2) 1.000 (25.4) 1.000 (25.4) 1.000 (25.4) Size in. (mm) Length (L) 1.024 (26.0) 1.625 (41.3) 2.625 (66.7) 1.024 (26.0) 1.024 (26.0) 1.625 (41.3) 1.024 (26.0) 1.300 (33.0) 1.625 (41.3) 1.654 (42.0) Lead Space (S) 0.20 (5.1) 0.40 (10.2) 0.40 (10.2) 0.20 (5.1) 0.20 (5.1) 0.40 (10.2) 0.20 (5.1) 0.20 (5.1) 0.40 (10.2) 0.20 (5.1) Lead Dia. (d) 0.023 (.58) 0.040 (1.0) 0.040 (1.0) 0.040 (1.0) 0.023 (.58) 0.023 (.58) 0.040 (1.0) 0.023 (.58) 0.023 (.58) 0.040 (1.0) 0.023 (.58) 0.040 (1.0) 0.023 (.58) 0.040 (1.0) 0.040 (1.0) 0.040 (1.0) 0.040 (1.0) 0.040 (1.0) 0.040 (1.0) 0.023 (.58) 0.040 (1.0) 0.040 (1.0) 0.040 (1.0) 0.040 (1.0) 0.040 (1.0) 0.040 (1.0)
6.3 Vdc (8 Volts Surge)
2.125 ((54.0) 0.40 (10.2)
7.5 Vdc (10 Volts Surge)
10 Vdc (13 Volts Surge)
12 Vdc (18 Volts Surge) 2.125 ((54.0) 0.40 (10.2) 1.024 (26.0) 1.625 (41.3) 1.625 (41.3) 0.20 (5.1) 0.30 (7.6) 0.40 (10.2)
16 Vdc (20 Volts Surge)
2.125 ((54.0) 0.30 (7.6) 2.125 ((54.0) 0.40 (10.2) 2.625 (66.7) 3.625 (92.1) 1.654 (42.0) 1.625 (41.3) 1.625 (41.3) 2.625 (66.7) 2.625 (66.7) 3.625 (92.1) 0.40 (10.2) 0.40 (10.2) 0.20 (5.1) 0.30 (7.6) 0.40 (10.2) 0.30 (7.6) 0.40 (10.2) 0.40 (10.2)
25 Vdc (30 Volts Surge)
2.125 ((54.0) 0.40 (10.2)
CDE Cornell Dubilier * 1605 E. Rodney French Blvd. * New Bedford, MA 02744 * Phone: (508)996-8561 * Fax: (508)996-3830 * www.cde.com
Type VPR -55 to 105 C Radial Leaded Aluminum Electrolytic
Ratings
Max ESR Max Ripple Catalog Cap (F) 160 240 360 760 1,600 2,200 2,800 3,300 110 160 250 600 1200 2,400 62 140 450 680 1,100 34 78 250 VPR161U040E1A VPR241U040E1E VPR361U040E1L VPR761U040L1L VPR162U040N2C VPR222U040N2L VPR282U040N3C VPR332U040N3L VPR111U050E1A VPR161U050E1E VPR251U050E1L VPR601U050L1L VPR122U050N2C VPR242U050N3L VPR620U075E1A VPR141U075E1L VPR451U075N1L VPR681U075N2C VPR112U075N3C VPR340U100E1A VPR780U100E1L VPR251U100N1L Part Number 10 kHz 25 C () 0.171 0.114 0.091 0.040 0.021 0.017 0.014 0.014 0.317 0.218 0.139 0.049 0.028 0.015 0.489 0.216 0.102 0.069 0.044 0.691 0.301 0.111 10 kHz 85 C (A) 1.200 1.610 2.050 2.194 3.755 4.732 5.651 6.437 0.880 1.160 1.660 1.964 3.297 5.639 0.710 1.330 1.779 2.420 3.577 0.530 1.010 1.818 Diameter (D) 0.512 (13.0) 0.512 (13.0) 0.512 (13.0) 0.875 (22.2) 1.000 (25.4) 1.000 (25.4) 1.000 (25.4) 1.000 (25.4) 0.512 (13.0) 0.512 (13.0) 0.512 (13.0) 0.875 (22.2) 1.000 (25.4) 1.000 (25.4) 0.512 (13.0) 0.512 (13.0) 1.000 (25.4) 1.000 (25.4) 1.000 (25.4) 0.512 (13.0) 0.512 (13.0) 1.000 (25.4) Size in. (mm) Length (L) 1.024 (26.0) 1.300 (33.0) 1.654 (42.0) 1.625 (41.3) 2.125 ((54.0) 2.625 (66.7) 3.125 (79.4) 3.625 (92.1) 1.024 (26.0) 1.300 (33.0) 1.654 (42.0) 1.625 (41.3) 2.125 ((54.0) 3.625 (92.1) 1.024 (26.0) 1.654 (42.0) 1.625 (41.3) 3.125 (79.4) 1.024 (26.0) 1.654 (42.0) 1.625 (41.3) Lead Space (S) 0.20 (5.1) 0.20 (5.1) 0.20 (5.1) 0.30 (7.6) 0.40 (10.2) 0.40 (10.2) 0.40 (10.2) 0.40 (10.2) 0.20 (5.1) 0.20 (5.1) 0.20 (5.1) 0.30 (7.6) 0.40 (10.2) 0.40 (10.2) 0.20 (5.1) 0.20 (5.1) 0.40 (10.2) 0.40 (10.2) 0.20 (5.1) 0.20 (5.1) 0.40 (10.2) Lead Dia. (d) 0.023 (.58) 0.023 (.58) 0.023 (.58) 0.040 (1.0) 0.040 (1.0) 0.040 (1.0) 0.040 (1.0) 0.040 (1.0) 0.023 (.58) 0.023 (.58) 0.023 (.58) 0.040 (1.0) 0.040 (1.0) 0.040 (1.0) 0.023 (.58) 0.023 (.58) 0.040 (1.0) 0.040 (1.0) 0.040 (1.0) 0.023 (.58) 0.023 (.58) 0.040 (1.0)
RoHS Compliant
40 Vdc (50 Volts Surge)
50 Vdc (65 Volts Surge)
75 Vdc (95 Volts Surge)
2.125 ((54.0) 0.40 (10.2)
100 Vdc (125 Volts Surge)
CDE Cornell Dubilier * 1605 E. Rodney French Blvd. * New Bedford, MA 02744 * Phone: (508)996-8561 * Fax: (508)996-3830 * www.cde.com


▲Up To Search▲   

 
Price & Availability of VPR161U050E1E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X